Part Number Hot Search : 
2SK2357 LTC1734L MAX1338 MAX1795 MAZ4100 2SD1489 IG0512SA 62L10PF
Product Description
Full Text Search
 

To Download 0571300000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  145 application specific terminal blocks wnt 4 1010780000 1011780000 6/60/47 (.24/2.36/1.85) 10 (.39) 600 v / 35 a / #22?0 awg 600 v / 35 a / #26?0 awg 400 vac / 32a / 4 mm 2 1.0 (9.0) 3 t ype part no. w ap 2.5?0 1050080000 whp 2.5?0 1050280000 whp 2.5?0 1050480000 ssch 10x3 cu 0348900000 ssch 10x3 brass 0259800000 ssch 6x6 cu 0571300000 ssch 6x6 brass 0571200000 zb 4 k * 0475380000 zbe 6 k ** 0525980000 zb 16 k ? 0502880000 zb 35 k ?? 0502680000 zb 4/6 k* 0565480000 zb 16/6 k ? 0569680000 ps 2.3 0180400000 dek 5/6 0468660001 dek 5/6 0468760001 wnt 6 1010880000 1011980000 8/60/47 (.31/2.36/1.85) 12 (.47) 600 v / 45 a / #20?8 awg 600 v / 45 a / #20?8 awg 400 vac / 41 a / 6 mm 2 1.6 (14.2) 3.5 t ype part no. w ap 2.5?0 1050080000 whp 2.5?0 1050280000 whp 2.5?0 1050480000 ssch 10x3 cu 0348900000 ssch 10x3 brass 0259800000 ssch 6x6 cu 0571300000 ssch 6x6 brass 05 71200000 zb 4 k * 0475380000 zbe 6 k ** 0525980000 zb 16 k ? 0502880000 zb 35 k ?? 0502680000 zb 4/6 k* 0565480000 zb 16/6 k ? 0569680000 ps 2.3 0180400000 dek 5/8 1653340001 dek 5/8 1653350001 note: part numbers shown are for a single card of pre-printed tags numbered 1-50. for additional information, see accessories section. see accessories section for mounting rails, end brackets, additional marking material and accessories. screw clamp 35 mm din-rail terminals neutral a vailable options version for 10 x 3 busbars blue wemid for 6 x 6 busbars blue wemid dimensions w idth / length / height mm (in.) with ts 35 x 7.5 with ts 32 insulation stripping length mm (in.) t echnical data rated voltage / rated current / wire size ul csa vde to r que nm (lb. in.) clamping screw m end plate w ap (thickness 1.5 mm) blue wemid support bracket whp for 10 x 3 ssch blue wemid whp for 6 x 6 ssch blue wemid thickness 1.5 mm busbar 10 x 3 6 x 6 clamping yoke for 10 x 3 ssch for 6 x 6 ssch supply via clamping yoke, for example t est plugs for #18 awg wire for #12 awg wire marking tags print consecutive horizontal consecutive vertical wnt 10 1010980000 1012180000 10/60/47 (.39/2.36/1.85) 12 (.47) 600 v / 60 a / #16? awg 600 v / 65 a / #16?6 awg 400 vac / 57 a / 10 mm 2 2.3 (20.4) 4 t ype part no. w ap 2.5?0 1050080000 whp 2.5?0 1050280000 whp 2.5?0 1050480000 ssch 10x3 cu 0348900000 ssch 10x3 brass 0259800000 ssch 6x6 cu 0571300000 ssch 6x6 brass 05 71200000 zb 4 k * 0475380000 zbe 6 k ** 0525980000 zb 16 k ? 0502880000 zb 35 k ?? 0502680000 zb 4/6 k* 0565480000 zb 16/6 k ? 0569680000 ps 2.3 0180400000 dek 5/8 1653340001 dek 5/8 1653350001 wnt 2.5 1010680000 1011580000 5/60/47 (.197/2.36/1.85) 10 (.39) 600 v / 25 a / #22?2 awg 600 v / 20 a / #26?2 awg 400 vac / 24 a / 2.5 mm 2 0.8 (7.1) 2.5 t ype part no. w ap 2.5?0 1050080000 whp 2.5?0 1050280000 whp 2.5?0 1050480000 ssch 10x3 cu 0348900000 ssch 10x3 brass 0259800000 ssch 6x6 cu 0571300000 ssch 6x6 brass 0571200000 zb 4 k * 0475380000 zbe 6 k ** 0525980000 zb 16 k ? 0502880000 zb 35 k ?? 0502680000 zb 4/6 k* 0565480000 zb 16/6 k ? 0569680000 ps 2.3 0180400000 dek 5/5 0473460001 dek 5/5 0473560001 *(0.5...4) mm 2 **(1.5...10) mm 2 ? (2.5...16) mm 2 ?? (16...35) mm 2


▲Up To Search▲   

 
Price & Availability of 0571300000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X